Part Number Hot Search : 
AO640111 FDMF4061 TQDV125A MM1664D C4001 MAX1605 B1258 UPA27
Product Description
Full Text Search
 

To Download SMF18A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
SMF5.0(C)A THRU SMF170(C)A
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
Features
Stand-off Voltage 5-170 Volts Uni and bi-directional type available (suffix"C"means bi-directional) Surface Mount Low Clamping Voltage 200 Watt Peak Power Dissipation Small, High Thermal Efficiency Marking Code: See Electrical Characteristics Table Case Material:Molded Plastic. UL Flammability Classificatio Rating 94-0 and MSL Rating 1
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
SOD-123FL
A B
C
E
Maximum Ratings
Operating Temperature: -65 C to +150 C Storage Temperature: -65 C to +150 C
o o o o
H D
Electrical Characteristics @ 25oC Unless Otherwise Specified
Peak Pulse Power (10/1000us Waveform) P PP 200W
DIM A B C D E G H
G
ESD Voltage(HBM)
V ESD
>16KV
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
DIMENSIONS INCHES MM MIN MAX MIN MAX .140 .152 3.55 3.85 .100 .112 2.55 2.85 .055 .071 1.40 1.80 .037 .053 0.95 1.35 .020 .039 0.50 1.00 .010 ----0.25 --------.008 ---.20
SUGGESTED SOLDER PAD LAYOUT
0.093"
NOTE
0.048"
0.036"
www.mccsemi.com
Revision:3
1 of 5
2010/07/02
MCC
SMF5.0A THRU SMF170A
ELECTRICAL CHARACTERISTICS @25 C
MCC PART NUMBER Uni-Polar
TM
Micro Commercial Components
Marking Code
Breakdown Voltage
VBR @ IT
(Volt)
MIN MAX
7.0 7.37 7.98 8.6 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86 92.1 95.8 104 111 123 135 147 159 185 197 209
TEST CURRENT IT mADC
10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
RATED STANDOFF VOLTAGE VWM V
5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
MAXIMUM REVERSE LEAKAGE ID @VWM ( A)
400 400 250 100 50 25 10 5.0 2.5 2.5 2.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM CLAMPING VOLTAGE VC @ IPP V
9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275
MAXIMUM PEAK PULSE CURRENT IPP A
21.7 19.4 17.9 16.7 15.5 14.7 13.9 13 11.8 11 10.1 9.3 8.6 8.2 7.7 7.2 6.8 6.2 5.6 5.1 4.8 4.4 4.1 3.8 3.4 3.1 2.9 2.8 2.6 2.4 2.3 2.1 1.8 1.7 1.5 1.4 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.7 0.6
SMF5.0A SMF6.0A SMF6.5A SMF7.0A SMF7.5A SMF8.0A SMF8.5A SMF9.0A SMF10A SMF11A SMF12A SMF13A SMF14A SMF15A SMF16A SMF17A SMF18A SMF20A SMF22A SMF24A SMF26A SMF28A SMF30A SMF33A SMF36A SMF40A SMF43A SMF45A SMF48A SMF51A SMF54A SMF58A SMF60A SMF64A SMF70A SMF75A SMF78A SMF85A SMF90A SMF100A SMF110A SMF120A SMF130A SMF150A SMF160A SMF170A
5.0A 6.0A 6.5A 7.0A 7.5A 8.0A 8.5A 9.0A 10A 11A 12A 13A 14A 15A 16A 17A 18A 20A 22A 24A 26A 28A 30A 33A 36A 40A 43A 45A 48A 51A 54A 58A 60A 64A 70A 75A 78A 85A 90A 100 110 120 130 150 160 170
6.4 6.67 7.22 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189
www.mccsemi.com
Revision:3
2 of 5
2010/07/02
MCC
SMF5.0CA THRU SMF170CA
ELECTRICAL CHARACTERISTICS @25 C
MCC PART NUMBER Bi-Polar
TM
Micro Commercial Components
Marking Code
Breakdown Voltage
VBR @ IT
(Volt)
MIN MAX
7.0 7.37 7.98 8.6 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86 92.1 95.8 104 111 123 135 147 159 185 197 209
TEST CURRENT IT mADC
10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
RATED STANDOFF VOLTAGE VWM V
5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
MAXIMUM REVERSE LEAKAGE ID @VWM ( A)
400 400 250 100 50 25 10 5.0 2.5 2.5 2.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM CLAMPING VOLTAGE VC @ IPP V
9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275
MAXIMUM PEAK PULSE CURRENT IPP A
21.7 19.4 17.9 16.7 15.5 14.7 13.9 13 11.8 11 10.1 9.3 8.6 8.2 7.7 7.2 6.8 6.2 5.6 5.1 4.8 4.4 4.1 3.8 3.4 3.1 2.9 2.8 2.6 2.4 2.3 2.1 1.8 1.7 1.5 1.4 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.7 0.6
SMF5.0CA SMF6.0CA SMF6.5CA SMF7.0CA SMF7.5CA SMF8.0CA SMF8.5CA SMF9.0CA SMF10CA SMF11CA SMF12CA SMF13CA SMF14CA SMF15CA SMF16CA SMF17CA SMF18CA SMF20CA SMF22CA SMF24CA SMF26CA SMF28CA SMF30CA SMF33CA SMF36CA SMF40CA SMF43CA SMF45CA SMF48CA SMF51CA SMF54CA SMF58CA SMF60CA SMF64CA SMF70CA SMF75CA SMF78CA SMF85CA SMF90CA SMF100CA SMF110CA SMF120CA SMF130CA SMF150CA SMF160CA SMF170CA
5.0CA 6.0CA 6.5CA 7.0CA 7.5CA 8.0CA 8.5CA 9.0CA 10CA 11CA 12CA 13CA 14CA 15CA 16CA 17CA 18CA 20CA 22CA 24CA 26CA 28CA 30CA 33CA 36CA 40CA 43CA 45CA 48CA 51CA 54CA 58CA 60CA 64CA 70CA 75CA 78CA 85CA 90CA 100C 110C 120C 130C 150C 160C 170C
6.4 6.67 7.22 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189
www.mccsemi.com
Revision:3
3 of 5
2010/07/02
MCC
TM
SMF5.0CA THRU SMF170CA Electrical Characteristics
Micro Commercial Components
10 IPPM - Peak Pulse Current, % IRSM PPP - Peak Pulse Power (kW) Non-repetitive pulse waveform shown in fig. 3 T A = 25 C
150 tr =10 s TJ = 25 C pulse width (td) is defined as the point where the peak current decays to 50 % of IPPM
100
Peak value IPPM Half value IPPM IPPM 2
1
50
10/100 s waveform as defined by R.E.A.
0.1 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms td - Pulse Width (s)
0 0
td 1 2 t - Time (ms) 3 4
Fig. 1 - Peak Pulse Power Rating
Peak Pulse Power (PPP) or Current (IPPM) Derating in Percentage (%) 100
Fig. 3 - Pulse Waveform
75
50
25
0
0
25
50
75 100 125 150 175 200
TA - Ambient Temperature
Fig. 2 - Pulse Derating Curve
Revision: 3
www.mccsemi.com
4 of 5
2010/07/02
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;2.5Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the expresse written approval of Micro Commercial Components Corporation.
www.mccsemi.com
Revision:3
5 of 5
2010/07/02


▲Up To Search▲   

 
Price & Availability of SMF18A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X